Part Number Hot Search : 
0265R Z5237 29F04 IN473 28F320C3 T1611CS 0265R 2SK32
Product Description
Full Text Search
 

To Download L2SC5658M3T5G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
General Purpose Amplifier NPN Silicon Transistor
This NPN transistor is designed for general purpose amplifier applications. This device is housed in the SOT-723 package which is designed for low power surface mount applications, where board space is at a premium. * Reduces Board Space * High hFE, 210 -460 (typical) * Low VCE(sat), < 0.5 V * ESD Performance: Human Body Model; u 2000 V, Machine Model; u 200 V * Available in 8 mm, 7-inch/3000 Unit Tape and Reel * This is a Pb-Free Device
L2SC5658M3T5G
3
2 1
SOT-723
3 COLLECT OR
1 B ASE
MAXIMUM RATINGS (TA = 25C)
Rating Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current - Continuous Symbol V(BR)CBO V(BR)CEO V(BR)EBO IC Value 50 50 5.0 100 Unit Vdc Vdc Vdc mAdc XX M
2 EMIT T ER
MARKING DIAGRAM
THERMAL CHARACTERISTICS
Rating Power Dissipation (Note 1) Junction Temperature Storage Temperature Range Symbol PD TJ Tstg Max 260 150 -55 ~ + 150 Unit mW C C XX = Specific Device Code M = Date Code
ORDERING INFORMATION
Device L2SC5658M3T5G Package SOT-723 Shipping 3000/Tape & Reel
1. Device mounted on a FR-4 glass epoxy printed circuit board using the minimum recommended footprint.
Version 1.0
L2SC5658M3T5G-1/4
LESHAN RADIO COMPANY, LTD.
L2SC5658M3T5G
ELECTRICAL CHARACTERISTICS (TA = 25C)
Characteristic Collector-Base Breakdown Voltage (IC = 50 mAdc, IE = 0) Collector-Emitter Breakdown Voltage (IC = 1.0 mAdc, IB = 0) Emitter-Base Breakdown Voltage (IE = 50 mAdc, IE = 0) Collector-Base Cutoff Current (VCB = 30 Vdc, IE = 0) Emitter-Base Cutoff Current (VEB = 4.0 Vdc, IB = 0) Collector-Emitter Saturation Voltage (Note 2) (IC = 60 mAdc, IB = 5.0 mAdc) DC Current Gain (Note 2) (VCE = 6.0 Vdc, IC = 1.0 mAdc) Transition Frequency (VCE = 12 Vdc, IC = 2.0 mAdc, f = 30 MHz) Output Capacitance (VCB = 12 Vdc, IC = 0 Adc, f = 1.0 MHz) 2. Pulse Test: Pulse Width 300 ms, D.C. 2%. Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO VCE(sat) - hFE 120 fT COB - - - 180 2.0 560 - - MHz pF - 0.4 - Min 50 50 5.0 - - Typ - - - - - Max - - - 0.5 0.5 Unit Vdc Vdc Vdc mA mA Vdc
Version 1.0
L2SC5658M3T5G-2/4
LESHAN RADIO COMPANY, LTD.
TYPICAL ELECTRICAL CHARACTERISTICS
60 IC, COLLECTOR CURRENT (mA) 50 40 30 20 10 0 0 2 4 6 VCE, COLLECTOR VOLTAGE (V) TA = 25C 160 mA 140 mA DC CURRENT GAIN 120 mA 100 mA 80 mA 60 mA 40 mA IB = 20 mA 8 10 0.1 1 TA = 75C TA = - 25C 100 1000 TA = 25C
L2SC5658M3T5G
VCE = 10 V
10 100 IC, COLLECTOR CURRENT (mA)
Figure 1. IC - VCE
2 TA = 25C COLLECTOR VOLTAGE (mV) 1.5 900 800 700 600 500 400 300 200 100 0 0.01 0.1 1 IB, BASE CURRENT (mA) 10 100 0 0.2 0.5 1
Figure 2. DC Current Gain
VCE , COLLECTOR-EMITTER VOLTAGE (V)
1
0.5
TA = 25C VCE = 5 V
5
10
20
40
60
80
100
150 200
IC, COLLECTOR CURRENT (mA)
Figure 3. Collector Saturation Region
20 Cib, INPUT CAPACITANCE (pF) 18 16 14 12 10 7 6 Cob, CAPACITANCE (pF) 5 4 3 2 0 1 2 VEB (V) 3 4 1 0
Figure 4. On Voltage
10
20 VCB (V)
30
40
Figure 5. Capacitance
Figure 6. Capacitance
Version 1.0
L2SC5658M3T5G-3/4
LESHAN RADIO COMPANY, LTD.
L2SC5658M3T5G
PACKAGE DIMENSIONS
SOT-723
-X- D b1 -Y-
3
A E
1 2
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETERS. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
L C
HE
e
b 2X 0.08 (0.0032) X Y
PIN 1. BASE 2. EMITTER 3. COLLECTOR
DIM A b b1 C D E e HE L
MILLIMETERS MIN NOM MAX 0.45 0.50 0.55 0.15 0.20 0.27 0.25 0.3 0.35 0.07 0.12 0.17 1.15 1.20 1.25 0.75 0.80 0.85 0.40 BSC 1.15 1.20 1.25 0.15 0.20 0.25
INCHES MIN NOM MAX 0.018 0.020 0.022 0.0059 0.0079 0.0106 0.010 0.012 0.014 0.0028 0.0047 0.0067 0.045 0.047 0.049 0.03 0.032 0.034 0.016 BSC 0.045 0.047 0.049 0.0059 0.0079 0.0098
SOLDERING FOOTPRINT
0.40 0.0157 0.40 0.0157 1.0 0.039 0.40 0.0157
0.40 0.0157
0.40 0.0157
mm inches
Version 1.0
L2SC5658M3T5G-4/4


▲Up To Search▲   

 
Price & Availability of L2SC5658M3T5G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X